Part Number Hot Search : 
M5817 C40S1 221M16 OB2288 TA0326A PC160 203D5 CCF6054K
Product Description
Full Text Search
 

To Download CDL13005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CDL13005
TO-220 PLASTIC PACKAGE NPN PLASTIC POWER TRANSISTOR
Used in Energy Saving Lights and Power Switch Circuits
ABSOLUTE MAXIMUM RATINGS DESCRIPTION Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Continuous Power Dissipation upto Ta=25C Power Dissipation upto Tc=25C Operating And Storage Junction Temperature Range
SYMBOL VCBO VCEO VEBO IC PD PD Tj, Tstg
VALUE 700 400 9 4 2 75 - 55 to +150
UNIT V V V A W W C
ELECTRICAL CHARACTERISTICS (Tc=25C unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION ICBO VCB=700V, IE=0 Collector Cut Off Current VEB=9V, IC=0 IEBO Emitter Cut Off Current *hFE IC=1A, VCE=5V DC Current Gain Ratio Between hFE1 of Low Current and hFE1 IC=5mA, VCE=5V hFE1/hFE2 hFE2 IC=1A, VCE=5V hFE2 of High Current Collector Emitter Saturation Voltage Base Emitter Saturation Voltage Transition Frequency Switching Time DESCRIPTION Fall Time Storage Time SYMBOL tf ts TEST CONDITION IC=2A, IB1= -1B2=0.4A VCC=120V *VCE (sat) *VBE (sat) fT IC=2A, IB=0.5A IC=2A, IB=0.5A VCE=10V, IC=500mA, f=1MHz
MIN
TYP
10 0.75
MAX 0.1 0.1 50
UNIT mA mA
0.6 1.5 5
V V MHz
MIN
TYP
MAX 0.8 3.6
UNIT ms ms
*hFE Classification Marking Product is pre-selected in DC Current Gain (Groups A to E). RECTRON reserves the right to ship any of the group(s) to customers depending on production availability. XX=date code *Pulse Test tp < 300m Duty Cycle < 2% m s,
A : 10 - 21 CDL 13005 A XX
B : 20 - 31 CDL 13005 B XX
C : 30 - 41 CDL 13005 C XX
E : 40 - 50 CDL 13005 E XX
TO-220 Plastic Package
B H F C E DIM MIN MAX 14.42 16.51 A 9.63 10.67 B C 3.56 4.83 -- 0.90 D 1.15 E 1.40 3.75 3.88 F G 2.29 2.79 2.54 3.43 H -- 0.56 J K 12.70 14.73 2.80 4.07 L M 2.03 2.92 -- 31.24 N O 7 DEG All diminsions in mm.
A N L 1 2 3 D K 0 J G M 0
4
1
2
3
Pin Configuration 1. Base 2. Collector 3. Emitter 4. Collector
TO-220 Tube Packing
Label 536.00 1.5
End Pin 13.74
DEVICE NAME Sr. QTY. 32.85 6.87 Tube Thickness
538 .00
A ll Dimensions in mm
50 Pcs./Tube
AMMO PACK SIZE
Label
92.0
75.0
Packing Detail
PACKAGE Details TO-220 /FP STANDARD PACK Net Weight/ Qty Size 3" x 7.5" x 7.5" 3.5" x 3.7" x 21.5" 200 pcs/ polybag 396 gm/ 200 pcs 50 pcs/ tube 120 gm/ pcs 50
20 Tubes/Ammo Pack 1000 Pcs./Ammo Pack
OUTER CARTON BOX Size 17" x 15" x 13.5" 19" x 19" x 19" Qty 16.0K 10.0K Gr Wt 36 kgs 29 kgs
INNER CARTON BOX Qty 1.0K 1.0K
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of CDL13005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X